PART |
Description |
Maker |
ZMSM0130P00PMC ZMSMH0130PMC ZMSMH0130P00PMC ZMSM13 |
Subminiature Snap-acting Switches
|
C&K Components
|
ZMS00130P00PSC ZMS00130P00SC ZMSH00130P00PSC ZMSH0 |
Subminiature Snap-acting Switches (Dust Proof)
|
C&K Components
|
AVT3442613 AV3300613 AV3324613 AV32523 AV3412613 A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, THROUGH HOLE-STRAIGHT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3A, 30VDC, 3.3mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 3.3mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 30VDC, 4mm, THROUGH HOLE-RIGHT ANGLE
|
|
D362-A8MA D369-A8JA D369-A8ML D361-W9LD D369-W9LD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 12.8mm, PANEL MOUNT
|
THE CHERRY CORP
|
DC1EP4LD DC3CK7LD DC3CK7RD DC1FT7SD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, THROUGH HOLE-RIGHT ANGLE
|
ZF Electronics, Corp. THE CHERRY CORP
|
TMCFD6ST2560W TMCGH3ST2560C TMCFD6ST2560C ST2060Y |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 5.71mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 8.38mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.38mm, PANEL MOUNT
|
ITT CANNON
|
B1-12112 B1-13112 |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2A, 28VDC, 0.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2A, 28VDC, 0.46mm, THROUGH HOLE-STRAIGHT
|
OTTO ENGINEERING INC
|
GSAB40C-Q03 GSAA40C-Q01 GSAA40C-Q03 GSAC20C-Q01 GS |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
ABJ582861 ABJ241061 ABJ2410619 ABJ241241 ABJ141240 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.85mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.5mm, PANEL MOUNT
|
|
E53-00R E51-61B E51-00E E51-01T E51-02T E51-50E E5 |
SWITCH LEVER CW SPDT .1A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
GLCB04A9A4C028 GLCB06A9A4C028 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
|